Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
 

To Download KIA78R10PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008. 6. 24 1/8 semiconductor technical data kia78r05pi~kia78r35pi bipolar linear integrated circuit revision no : 3 4 terminal low dropout voltage regulator the kia78r ?? series are low dropout voltage regulator suitable for various electronic equipments. it provides constant voltage power source with to-220is-4 terminal surface mount type pkg. the regulator has multi function such as over current protection, overheat protection and on/off control. features h 1.0a output low dropout voltage regulator. h built in on/off control terminal. h built in over current protection, over heat protection function. line up maximum ratings (ta=25 ? ) item output voltage (typ.) unit kia78r05pi 5 v kia78r06pi 6 kia78r08pi 8 kia78r09pi 9 KIA78R10PI 10 kia78r12pi 12 kia78r15pi 15 kia78r25pi 2.5 kia78r33pi 3.3 kia78r35pi 3.5 characteristic symbol rating unit remark input voltage v in 35 v - on/off control voltage v c 35 v - output current i o 1 a - power dissipation 1 p d1 1.5 w no heatsink power dissipation 2 p d2 15 w infinite heatsink operating junction temperature t j(opr) -40 q 150 ? - storage temperature t stg -45 q 150 ? - soldering temperature (10sec) t sol 260 ? -
2008. 6. 24 2/8 kia78r05pi~kia78r35pi revision no : 3 electrical characteristics (unless otherwise specified, i o =0.5a, ta=25 ? , note1.) characteristic symbol conditions min. typ. max. unit output voltage kia78r05pi v o - 4.88 5.0 5.12 v kia78r06pi - 5.85 6.0 6.15 kia78r08pi - 7.80 8.0 8.2 kia78r09pi - 8.78 9.0 9.22 KIA78R10PI - 9.75 10.0 10.25 kia78r12pi - 11.70 12.0 12.30 kia78r15pi - 14.70 15.0 15.30 kia78r25pi - 2.438 2.50 2.562 kia78r33pi - 3.220 3.30 3.380 kia78r35pi - 3.413 3.50 3.587 load regulation reg load 5ma ? i out ? 1a - 0.1 2.0 % line regulation reg line (note 2) - 0.5 2.5 % temperature coefficient of output voltage t c v o tj=0 q 125 ? - ? 0.02 ? 0.05 %/ ? ripple rejection r h r - 45 55 - db drop out voltage v d i o =1a, v in =0.95 v out - - 0.5 v output on state for control voltage v c(on) - 2.0 - - v output on state for control current i c(on) v c =2.7v - - 20  a output off state for control voltage v c(off) - - - 0.8 v output off state for control current i c(off) v c =0.4v - - -0.4 ma quiescent current i q i o =0 - - 10 ma note1) v in of kia78r05=7v " kia78r06=8v " kia78r08=10v " kia78r09=15v " kia78r10=16v " kia78r12=18v " kia78r15=21v " kia78r25=4.2v " kia78r33=5.0v " kia78r35=5.2v note2) v in of kia78r05=6~12v " kia78r06=7~15v " kia78r08=9~25v " kia78r09=10~25v " kia78r10=11~26v " kia78r12=13~29v " kia78r15=16~32v " kia78r25=3.2~10v " kia78r33=4.0~10v " kia78r35=4.2~10v
2008. 6. 24 3/8 kia78r05pi~kia78r35pi revision no : 3 block diagram
2008. 6. 24 4/8 kia78r05pi~kia78r35pi revision no : 3
2008. 6. 24 5/8 kia78r05pi~kia78r35pi revision no : 3
2008. 6. 24 6/8 kia78r05pi~kia78r35pi revision no : 3
2008. 6. 24 7/8 kia78r05pi~kia78r35pi revision no : 3
2008. 6. 24 8/8 kia78r05pi~kia78r35pi revision no : 3


▲Up To Search▲   

 
Price & Availability of KIA78R10PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X